PART |
Description |
Maker |
AT91SAM7S256 AT91SAM7S256-AI |
Atmels AT91SAM7S256 is a member of a series of low pincount Flash microcontrollers based on the 32-bit ARM RISC processor. ... AT91 ARM THUMB-BASED MICROCONTROLLERS
|
ATMEL Corporation
|
STR710FZ2H6 STR711FR2H6 STR710FZ1 STR710FZ1H6 STR7 |
ARM7TDMI™ 16/32-BIT MCU WITH FLASH, USB, CAN, 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM-Based Flash microcontrollers with USB and CAN ARM7TDMI-S™ 32-BIT MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN ARM-Based Flash microcontrollers with CAN
|
ST Microelectronics
|
LPC2210 LPC2220 LPC2220FET144/G LPC2210FBD144/01 L |
16-32-bit ARM microcontrollers; flashless, with 10-bit ADC and external memory interface 16/32位的ARM微控制器;闪存less0位ADC和外部存储器接口 16/32-bit ARM microcontrollers; flashless, with 10-bit ADC and external memory interface
|
NXP Semiconductors N.V.
|
LPC2220FET144 LPC2220 LPC2220FBD144 LPC2210 LPC221 |
16/32-bit ARM microcontrollers; flashless with 64 kB, with 10-bit ADC and external memory interface
|
PHILIPS[Philips Semiconductors]
|
LPC2212FBD144 LPC221211 LPC2214FBD101 LPC2212FBD10 |
Single-chip 16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
|
NXP Semiconductors
|
LPC2290FBD144 |
16/32-bit ARM microcontrollers with CAN/ 10-bit ADC and external memory interface 16/32-bit ARM microcontrollers with CAN, 10-bit ADC and external memory interface
|
Philips Semiconductors NXP Semiconductors
|
AT91FR4081NBSP AT91FR4081 AT91FR4081-33CI |
AT91 ARM Thumb Microcontrollers From old datasheet system Includes, in a single package, an AT91R40807 16/32-bit RISC microcontroller based on the ARM7TDMI Co
|
ATMEL[ATMEL Corporation]
|
GMS90C31 GMS90L32 GMS90C32 GMS90C58 GMS90L31 GMS90 |
8-Bit CMOS Microcontrollers(高性价比的51单片机,片内无ROM,128字节RAM,工作电压5V) 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内无ROM,256字节RAM,低电 8-Bit CMOS Microcontrollers( 高性价比的51单片,片内无ROM,256字节RAM,工作电压5V) 8-Bit CMOS Microcontroller(8位CMOS 微控制器) 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内无ROM,128字节RAM,低电 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内4KEPROM,128字节RAM,工作电压5V) 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内4KROM,128字节RAM,工作电压5V) 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内8KEPROM,256字节RAM,工作电压5V) 8-BIT SINGLE CHIP MICROCONTROLLERS 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内4KROM,128字节RAM,低电 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内8KROM,256字节RAM,工作电压5V) 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内8KEPROM,256字节RAM,低电 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内4KEPROM,128字节RAM,低电
|
Hyundai
|
AT91FR40161-CI AT91FR40161 |
ARM Thumb Microcontrollers
|
ATMEL[ATMEL Corporation]
|
AT91X40 AT91M40807-33AI |
AT91 ARM Thumb Microcontrollers
|
Atmel Corp.
|